Part Number Hot Search : 
KK4028B PUMF11 MHF2815D MP158 SA211 00BZX PSPW150 04447
Product Description
Full Text Search
 

To Download 7815F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  7815F rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220f ??? voltage regulator in a to-220f plastic package. ?? 1.5a, ??? 3-terminal regulators ,output current up to 1.5a, internal thermal ov erload protection and short-circuit limiting. ? voltage regulator. ? / ?? / equivalent circuit or application circuit pin1 in pin 2 gnd pin 3 out ? / marking ?? see marking instructions / descriptions / features ? / applications / pinning 1 3 2
7815F rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit input voltage v i 35 v thernal resistance junction-ambient r ja 60 /w thernal resistance junction-case r jc 5.0 /w operating junction temperature range t opr 0 125 storage temperature range t stg -65 150  parameter symbol test conditions ? min ? typ ? max unit output voltage v o t j =25 14.4 15 15.6 v v i =17.5v-30v io=5.0ma-1.0a pd 15w 14.25 15 15.75 v load regulation vo t j =25 io=5.0ma-1.5a 300 mv t j =25 io=250ma-750ma 150 mv line regulation vo t j =25 v i =17.5v-30v 300 mv t j =25 v i =20v-26v 150 mv quiescent current iq t j =25 8.0 ma quiescent current change iq v i =17.5v-30v 1.0 ma io=5.0ma-1.0a 0.5 ma output voltage drift vo/ t io=5.0ma -1.0 mv/ output noise voltage en b=10hz-100khz t j =25 90 v/vo supply voltage rejection svr v i =18.5v-28.5v f=120hz 54 db dropout voltage vd io=1a t j =25 2.0 v output resistance ro f=1.0khz 19 m ? sho r t circuit current isc v i =35v t j =25 0.23 a short circuit peak current iscp t j =25 2.2 a ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
7815F rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
7815F rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
7815F rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br   ?? 7815F  ??? ****  ???? note: br: company code. 7815F: product type. ****: lot no. code, code change with lot no. br 7815F ****
7815F rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm3) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 ?? / notices


▲Up To Search▲   

 
Price & Availability of 7815F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X